Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFRU024N Datasheet (PDF) - International Rectifier

IRFRU024N Datasheet PDF - International Rectifier
Part # IRFRU024N
Download  IRFRU024N Download
File Size   178.33 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??

IRFRU024N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFRU024N Datasheet PDF - International Rectifier

Part # IRFRU024N
Download  IRFRU024N Click to download

File Size   178.33 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??

IRFRU024N Datasheet (HTML) - International Rectifier




Similar Part No. - IRFRU024N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFRU110A FAIRCHILD-IRFRU110A Datasheet
255Kb / 7P
Advanced Power MOSFET
logo
International Rectifier
IRFRU1205 IRF-IRFRU1205 Datasheet
144Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A??
logo
Fairchild Semiconductor
IRFRU120A FAIRCHILD-IRFRU120A Datasheet
256Kb / 7P
Advanced Power MOSFET
IRFRU120A FAIRCHILD-IRFRU120A Datasheet
258Kb / 7P
Advanced Power MOSFET
IRFRU130A FAIRCHILD-IRFRU130A Datasheet
261Kb / 7P
Advanced Power MOSFET
More results


Similar Description - IRFRU024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF530N IRF-IRF530N Datasheet
212Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=90mohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFP250N IRF-IRFP250N Datasheet
122Kb / 8P
Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
IRFP264 IRF-IRFP264 Datasheet
168Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.075ohm, Id=38A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com