Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR2605 Datasheet (PDF) - International Rectifier

IRFR2605 Datasheet PDF - International Rectifier
Part # IRFR2605
Download  IRFR2605 Download
File Size   345.03 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)

IRFR2605 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR2605 Datasheet PDF - International Rectifier

Part # IRFR2605
Download  IRFR2605 Click to download

File Size   345.03 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)

IRFR2605 Datasheet (HTML) - International Rectifier


IRFR2605 Product details

VDSS = 55V
RDS(on) = 0.075Ω
ID = 19A

Description
Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques that achieve extremely low on-resistance per silicon area and allow electrostatic discharge protection to be integrated in the gate structure. These benefits, combined with the ruggedized device design that HEXFETs are known for, provide the designer with extremely efficient and reliable device for use in a wide variety of applications. The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for through-hole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.

● Ultra Low On-Resistance
● ESD Protected
● Surface Mount (IRFR2605)
● Straight Lead (IRFU2605)
● 150°C Operating Temperature
● Repetitive Avalanche Rated
● Fast Switching




Similar Part No. - IRFR2605

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR2607Z IRF-IRFR2607Z Datasheet
283Kb / 11P
AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2607Z KERSEMI-IRFR2607Z Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR2607Z KERSEMI-IRFR2607Z Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRFR2607Z ISC-IRFR2607Z Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFR2607ZPBF IRF-IRFR2607ZPBF Datasheet
352Kb / 12P
AUTOMOTIVE MOSFET
More results


Similar Description - IRFR2605

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFP250N IRF-IRFP250N Datasheet
122Kb / 8P
Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
IRFP264 IRF-IRFP264 Datasheet
168Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.075ohm, Id=38A)
IRFRU024N IRF-IRFRU024N Datasheet
178Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com