Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPG40 Datasheet (PDF) - International Rectifier

IRFPG40 Datasheet PDF - International Rectifier
Part # IRFPG40
Download  IRFPG40 Download
File Size   167.5 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)

IRFPG40 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFPG40 Datasheet PDF - International Rectifier

Part # IRFPG40
Download  IRFPG40 Click to download

File Size   167.5 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)

IRFPG40 Datasheet (HTML) - International Rectifier


IRFPG40 Product details

DESCRIPTION
Third Generation HEXFETs from International Rectfier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Isolated Central Mounting Hole
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRFPG40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFPG40 INTERSIL-IRFPG40 Datasheet
46Kb / 6P
4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFPG40 VISHAY-IRFPG40 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
IRFPG40 VISHAY-IRFPG40 Datasheet
910Kb / 11P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
logo
Vishay Siliconix
IRFPG40PBF VISHAY-IRFPG40PBF Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
More results


Similar Description - IRFPG40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBG20 IRF-IRFBG20 Datasheet
169Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
IRFBG30 IRF-IRFBG30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFNG40 IRF-IRFNG40 Datasheet
212Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=1000V, Rds(on)=3.5ohm, Id=3.9A)
IRFPC30 IRF-IRFPC30 Datasheet
167Kb / 6P
Power MOSFET(Vdsss=600V, Rds(on)=2.2ohm, Id=4.3A)
IRFPG30 IRF-IRFPG30 Datasheet
168Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com