Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPC30 Datasheet (PDF) - International Rectifier

IRFPC30 Datasheet PDF - International Rectifier
Part # IRFPC30
Download  IRFPC30 Download
File Size   167.24 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdsss=600V, Rds(on)=2.2ohm, Id=4.3A)

IRFPC30 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFPC30 Datasheet PDF - International Rectifier

Part # IRFPC30
Download  IRFPC30 Click to download

File Size   167.24 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdsss=600V, Rds(on)=2.2ohm, Id=4.3A)

IRFPC30 Datasheet (HTML) - International Rectifier


IRFPC30 Product details

Description
Third Generation HEXFETs from international Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mouting hole. It also provides greater creepage distance between pins to meet the requirements of most safety specifications.

● Dynamic dV/dt Rating
● Repetitive Avalanche Rated
● Isolated Central Mounting Hole
● Fast Switching
● Ease of Paralleling
● Simple Drive Requirements




Similar Part No. - IRFPC30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
logo
Vishay Siliconix
IRFPC40 VISHAY-IRFPC40 Datasheet
1Mb / 8P
Power MOSFET
26-Jun-08
IRFPC40 VISHAY-IRFPC40 Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
IRFPC40 VISHAY-IRFPC40 Datasheet
615Kb / 11P
Power MOSFET
31-Jan-2022
IRFPC40PBF VISHAY-IRFPC40PBF Datasheet
1Mb / 8P
Power MOSFET
26-Jun-08
More results


Similar Description - IRFPC30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30AS IRF-IRFBC30AS Datasheet
147Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPC48 IRF-IRFPC48 Datasheet
214Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.82ohm, Id=8.9A)
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com