Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIBC30G Datasheet (PDF) - International Rectifier

IRFIBC30G Datasheet PDF - International Rectifier
Part # IRFIBC30G
Download  IRFIBC30G Download
File Size   169.15 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)

IRFIBC30G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFIBC30G Datasheet PDF - International Rectifier

Part # IRFIBC30G
Download  IRFIBC30G Click to download

File Size   169.15 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)

IRFIBC30G Datasheet (HTML) - International Rectifier


IRFIBC30G Product details

Description
Third generation Power MOSFETs from Vishay provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications. The moulding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.

• Isolated Package
• High Voltage Isolation = 2.5 KVRMS
• Sink to Lead Creepage Dist. = 4.8 mm
• Dynamic dV/dt Rating
• Low Thermal Resistance




Similar Part No. - IRFIBC30G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIBC30G VISHAY-IRFIBC30G Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFIBC30G VISHAY-IRFIBC30G Datasheet
929Kb / 8P
Power MOSFET
19-Jan-09
logo
Inchange Semiconductor ...
IRFIBC30G ISC-IRFIBC30G Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFIBC30G VISHAY-IRFIBC30G Datasheet
278Kb / 10P
Power MOSFET
11-Oct-2021
logo
International Rectifier
IRFIBC30GPBF IRF-IRFIBC30GPBF Datasheet
288Kb / 8P
HEXFET Power MOSFET
More results


Similar Description - IRFIBC30G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF820 IRF-IRF820 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30AS IRF-IRFBC30AS Datasheet
147Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFD024 IRF-IRFD024 Datasheet
172Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
IRFPC30 IRF-IRFPC30 Datasheet
167Kb / 6P
Power MOSFET(Vdsss=600V, Rds(on)=2.2ohm, Id=4.3A)
IRLD024 IRF-IRLD024 Datasheet
170Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com