Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC30 Datasheet (PDF) - International Rectifier

IRFBC30 Datasheet PDF - International Rectifier
Part # IRFBC30
Download  IRFBC30 Download
File Size   173.79 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)

IRFBC30 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBC30 Datasheet PDF - International Rectifier

Part # IRFBC30
Download  IRFBC30 Click to download

File Size   173.79 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)

IRFBC30 Datasheet (HTML) - International Rectifier


IRFBC30 Product details





Similar Part No. - IRFBC30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFBC30 STMICROELECTRONICS-IRFBC30 Datasheet
85Kb / 8P
N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET
Jan-2000
logo
Vishay Siliconix
IRFBC30 VISHAY-IRFBC30 Datasheet
780Kb / 8P
Power MOSFET
16-Jun-08
logo
Inchange Semiconductor ...
IRFBC30 ISC-IRFBC30 Datasheet
328Kb / 2P
iscN-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFBC30 ETC2-IRFBC30 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Vishay Siliconix
IRFBC30 VISHAY-IRFBC30 Datasheet
943Kb / 9P
Power MOSFET
16-Aug-2021
More results


Similar Description - IRFBC30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30AS IRF-IRFBC30AS Datasheet
147Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPC30 IRF-IRFPC30 Datasheet
167Kb / 6P
Power MOSFET(Vdsss=600V, Rds(on)=2.2ohm, Id=4.3A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFR9220 IRF-IRFR9220 Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com