Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF5801 Datasheet (PDF) - International Rectifier

IRF5801 Datasheet PDF - International Rectifier
Part # IRF5801
Download  IRF5801 Download
File Size   120.63 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)

IRF5801 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF5801 Datasheet PDF - International Rectifier

Part # IRF5801
Download  IRF5801 Click to download

File Size   120.63 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)

IRF5801 Datasheet (HTML) - International Rectifier


IRF5801 Product details

Benefits
● Low Gate to Drain Charge to Reduce Switching Losses
● Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001)
● Fully Characterized Avalanche Voltage and Current

Applications
● High frequency DC-DC converters




Similar Part No. - IRF5801

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801PBF IRF-IRF5801PBF Datasheet
229Kb / 8P
High frequency DC-DC converters
IRF5801PBF-1 IRF-IRF5801PBF-1 Datasheet
203Kb / 8P
Industry-standard pinout TSOP-6 Package
IRF5801PBF-1 IRF-IRF5801PBF-1_15 Datasheet
203Kb / 8P
HEXFET Power MOSFET
IRF5801PBF IRF-IRF5801PBF_15 Datasheet
229Kb / 8P
High frequency DC-DC converters
IRF5801TRPBF IRF-IRF5801TRPBF Datasheet
229Kb / 8P
High frequency DC-DC converters
More results


Similar Description - IRF5801

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30AS IRF-IRFBC30AS Datasheet
147Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com