Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB38N20D Datasheet (PDF) - International Rectifier

IRFB38N20D Datasheet PDF - International Rectifier
Part # IRFB38N20D
Download  IRFB38N20D Download
File Size   133.62 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)

IRFB38N20D Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFB38N20D Datasheet PDF - International Rectifier

Part # IRFB38N20D
Download  IRFB38N20D Click to download

File Size   133.62 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)

IRFB38N20D Datasheet (HTML) - International Rectifier


IRFB38N20D Product details

Applications

• High frequency DC-DC converters



Benefits

• Low Gate-to-Drain Charge to Reduce Switching Losses

• Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001)

• Fully Characterized Avalanche Voltage and Current



 




Similar Part No. - IRFB38N20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB38N20D ISC-IRFB38N20D Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
275Kb / 11P
HEXFET Power MOSFET
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
715Kb / 11P
HEXFET Power MOSFET
logo
Infineon Technologies A...
IRFB38N20DPBF INFINEON-IRFB38N20DPBF Datasheet
589Kb / 12P
HEXFET짰 Power MOSFET
2016-5-31
More results


Similar Description - IRFB38N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFB17N20D IRF-IRFB17N20D Datasheet
194Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A)
IRFB260N IRF-IRFB260N Datasheet
90Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com