Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP90N20D Datasheet (PDF) - International Rectifier

IRFP90N20D Datasheet PDF - International Rectifier
Part # IRFP90N20D
Download  IRFP90N20D Download
File Size   89.16 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??

IRFP90N20D Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP90N20D Datasheet PDF - International Rectifier

Part # IRFP90N20D
Download  IRFP90N20D Click to download

File Size   89.16 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??

IRFP90N20D Datasheet (HTML) - International Rectifier


IRFP90N20D Product details

Applications

• High frequency DC-DC converters



Benefits

• Low Gate-to-Drain Charge to Reduce Switching Losses

• Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001)

• Fully Characterized Avalanche Voltage and Current



 




Similar Part No. - IRFP90N20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFP90N20D ISC-IRFP90N20D Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFP90N20DPBF IRF-IRFP90N20DPBF Datasheet
169Kb / 8P
SMPS MOSFET
IRFP90N20DPBF IRF-IRFP90N20DPBF Datasheet
178Kb / 9P
High frequency DC-DC converters
IRFP90N20DPBF IRF-IRFP90N20DPBF_15 Datasheet
178Kb / 9P
High frequency DC-DC converters
More results


Similar Description - IRFP90N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFB17N20D IRF-IRFB17N20D Datasheet
194Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFZ44E IRF-IRFZ44E Datasheet
96Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
IRFZ44ES IRF-IRFZ44ES Datasheet
163Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com