Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB260N Datasheet (PDF) - International Rectifier

IRFB260N Datasheet PDF - International Rectifier
Part # IRFB260N
Download  IRFB260N Download
File Size   90.7 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)

IRFB260N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFB260N Datasheet PDF - International Rectifier

Part # IRFB260N
Download  IRFB260N Click to download

File Size   90.7 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)

IRFB260N Datasheet (HTML) - International Rectifier


IRFB260N Product details

SMPS MOSFET

VDSS   RDS(on) max   ID

200V   0.040Ω           56A



Benefits

Low Gate-to-Drain Charge to Reduce Switching Losses

Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001)

Fully Characterized Avalanche Voltage and Current



High frequency DC-DC converters

Applications




Similar Part No. - IRFB260N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB260N ISC-IRFB260N Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFB260NPBF IRF-IRFB260NPBF Datasheet
167Kb / 8P
HEXFET Power MOSFET
IRFB260NPBF IRF-IRFB260NPBF Datasheet
175Kb / 9P
High frequency DC-DC converters
IRFB260NPBF IRF-IRFB260NPBF_15 Datasheet
175Kb / 9P
High frequency DC-DC converters
More results


Similar Description - IRFB260N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ24 IRF-IRCZ24 Datasheet
145Kb / 6P
Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFR2405 IRF-IRFR2405 Datasheet
129Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=56A??
IRFZ34N IRF-IRFZ34N Datasheet
195Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com