Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR9N20D Datasheet (PDF) - International Rectifier

IRFR9N20D Datasheet PDF - International Rectifier
Part # IRFR9N20D
Download  IRFR9N20D Download
File Size   126.79 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)

IRFR9N20D Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR9N20D Datasheet PDF - International Rectifier

Part # IRFR9N20D
Download  IRFR9N20D Click to download

File Size   126.79 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)

IRFR9N20D Datasheet (HTML) - International Rectifier


IRFR9N20D Product details

SMPS MOSFET

Benefits
• Low Gate-to-Drain Charge to Reduce Switching Losses
• Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001)
• Fully Characterized Avalanche Voltage and Current

Applications
• High frequency DC-DC converters




Similar Part No. - IRFR9N20D

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR9N20D KERSEMI-IRFR9N20D Datasheet
3Mb / 10P
SMPS MOSFET
logo
Inchange Semiconductor ...
IRFR9N20D ISC-IRFR9N20D Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFR9N20DPBF IRF-IRFR9N20DPBF Datasheet
222Kb / 10P
HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR9N20DPBF KERSEMI-IRFR9N20DPBF Datasheet
3Mb / 10P
SMPS MOSFET
logo
International Rectifier
IRFR9N20DPBF IRF-IRFR9N20DPBF Datasheet
231Kb / 11P
High frequency DC-DC converters
More results


Similar Description - IRFR9N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFB17N20D IRF-IRFB17N20D Datasheet
194Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A)
IRFB260N IRF-IRFB260N Datasheet
90Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR IRF-IRFR Datasheet
142Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A)
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com