Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR Datasheet (PDF) - International Rectifier

IRFR Datasheet PDF - International Rectifier
Part # IRFR
Download  IRFR Download
File Size   142.05 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A)

IRFR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR Datasheet PDF - International Rectifier

Part # IRFR
Download  IRFR Click to download

File Size   142.05 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A)

IRFR Datasheet (HTML) - International Rectifier


IRFR Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications.
The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for throughhole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.

● Surface Mount (IRFR120N)
● Straight Lead (IRFU120N)
● Advanced Process Technology
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRFR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR KERSEMI-IRFR Datasheet
3Mb / 10P
Ultra Low On-Resistance
IRFR KERSEMI-IRFR Datasheet
3Mb / 10P
Surface Mount (IRFR120N)
logo
Vishay Siliconix
IRFR-120 VISHAY-IRFR-120 Datasheet
825Kb / 11P
Power MOSFET
04-Feb-13
logo
International Rectifier
IRFR-U3910 IRF-IRFR-U3910 Datasheet
152Kb / 11P
HEXFET® Power MOSFET
5/11/98
IRFR-U6215 IRF-IRFR-U6215 Datasheet
151Kb / 11P
HEXFET® Power MOSFET
5/11/98
More results


Similar Description - IRFR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com