Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF540N Datasheet (PDF) - International Rectifier

IRF540N Datasheet PDF - International Rectifier
Part # IRF540N
Download  IRF540N Download
File Size   99.87 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)

IRF540N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF540N Datasheet PDF - International Rectifier

Part # IRF540N
Download  IRF540N Click to download

File Size   99.87 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)

IRF540N Datasheet (HTML) - International Rectifier


IRF540N Product details

Description
Advanced HEXFET®Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.

● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRF540N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF540N INTERSIL-IRF540N Datasheet
126Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
March 2000
logo
Kersemi Electronic Co.,...
IRF540N KERSEMI-IRF540N Datasheet
734Kb / 8P
Advanced Process Technology
logo
List of Unclassifed Man...
IRF540N ETC2-IRF540N Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Fairchild Semiconductor
IRF540N FAIRCHILD-IRF540N Datasheet
138Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel, Power MOSFET
logo
Multicomp Pro
IRF540N MULTICOMP-IRF540N Datasheet
1Mb / 5P
N Channel MOSFET
05/08/24 V1.0
More results


Similar Description - IRF540N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF540NS IRF-IRF540NS Datasheet
125Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFIZ46N IRF-IRFIZ46N Datasheet
104Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=33A)
IRFP140N IRF-IRFP140N Datasheet
158Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0,052ohm, Id=33A)
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com