Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP140N Datasheet (PDF) - International Rectifier

IRFP140N Datasheet PDF - International Rectifier
Part # IRFP140N
Download  IRFP140N Download
File Size   158.05 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0,052ohm, Id=33A)

IRFP140N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP140N Datasheet PDF - International Rectifier

Part # IRFP140N
Download  IRFP140N Click to download

File Size   158.05 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0,052ohm, Id=33A)

IRFP140N Datasheet (HTML) - International Rectifier


IRFP140N Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications.
The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.

● Advanced Process Technology
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRFP140N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP140N INTERSIL-IRFP140N Datasheet
126Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
March 2000
logo
Inchange Semiconductor ...
IRFP140N ISC-IRFP140N Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFP140NPBF IRF-IRFP140NPBF Datasheet
345Kb / 8P
HEXFET Power MOSFET
IRFP140NPBF IRF-IRFP140NPBF Datasheet
353Kb / 9P
ADVANCED PROCESS TECHNOLOGY
logo
VBsemi Electronics Co.,...
IRFP140NPBF VBSEMI-IRFP140NPBF Datasheet
1Mb / 7P
N-Channel 100-V (D-S) MOSFET
More results


Similar Description - IRFP140N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF540NS IRF-IRF540NS Datasheet
125Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFIZ46N IRF-IRFIZ46N Datasheet
104Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=33A)
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com