Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF540N Datasheet (PDF) - Intersil Corporation

IRF540N Datasheet PDF - Intersil Corporation
Part # IRF540N
Download  IRF540N Download
File Size   126.21 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 33A, 100V, 0.040 Ohm, N-Channel Power MOSFET

IRF540N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF540N Datasheet PDF - Intersil Corporation

Part # IRF540N
Download  IRF540N Click to download

File Size   126.21 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 33A, 100V, 0.040 Ohm, N-Channel Power MOSFET

IRF540N Datasheet (HTML) - Intersil Corporation


IRF540N Product details

Features



1. Ultra Low On-Resistance

-rDS(ON)= 0.040Ω,VGS=10V



2. Simulation Models

- Temperature Compensated PSPICE™ and SABER©Electrical Models

- Spice and SABER©Thermal Impedance Models



3. Peak Current vs Pulse Width Curve



4. UIS Rating Curve






Similar Part No. - IRF540N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
logo
Kersemi Electronic Co.,...
IRF540N KERSEMI-IRF540N Datasheet
734Kb / 8P
Advanced Process Technology
logo
List of Unclassifed Man...
IRF540N ETC2-IRF540N Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Fairchild Semiconductor
IRF540N FAIRCHILD-IRF540N Datasheet
138Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel, Power MOSFET
logo
Multicomp Pro
IRF540N MULTICOMP-IRF540N Datasheet
1Mb / 5P
N Channel MOSFET
05/08/24 V1.0
More results


Similar Description - IRF540N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75631P3 FAIRCHILD-HUF75631P3 Datasheet
202Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75631P3 FAIRCHILD-HUFA75631P3 Datasheet
201Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
RFG40N10 FAIRCHILD-RFG40N10 Datasheet
371Kb / 6P
40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
FRK160D INTERSIL-FRK160D Datasheet
48Kb / 6P
50A, 100V, 0.040 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
HUF75631P3 INTERSIL-HUF75631P3 Datasheet
343Kb / 9P
33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFET
1999 10
IRFP140N INTERSIL-IRFP140N Datasheet
126Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
March 2000
RFG40N10 INTERSIL-RFG40N10 Datasheet
51Kb / 6P
40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
July 1999
RFG40N10LE INTERSIL-RFG40N10LE Datasheet
413Kb / 8P
40A, 100V, 0.040 Ohm, Logic Level N-Channel Power MOSFETs
October 1999
logo
Fairchild Semiconductor
BUZ11 FAIRCHILD-BUZ11 Datasheet
81Kb / 6P
30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
IRF540N FAIRCHILD-IRF540N Datasheet
138Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel, Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com