Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9520N Datasheet (PDF) - International Rectifier

IRF9520N Datasheet PDF - International Rectifier
Part # IRF9520N
Download  IRF9520N Download
File Size   95.8 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)

IRF9520N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9520N Datasheet PDF - International Rectifier

Part # IRF9520N
Download  IRF9520N Click to download

File Size   95.8 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)

IRF9520N Datasheet (HTML) - International Rectifier


IRF9520N Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

• Advanced Process Technology
• Dynamic dv/dt Rating
• 175°C Operating Temperature
• Fast Switching
• P-Channel
• Fully Avalanche Rated




Similar Part No. - IRF9520N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9520NL IRF-IRF9520NL Datasheet
155Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF9520NL IRF-IRF9520NL Datasheet
166Kb / 11P
Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF9520NL KERSEMI-IRF9520NL Datasheet
1Mb / 10P
Advanced Process Technology
logo
International Rectifier
IRF9520NPBF IRF-IRF9520NPBF Datasheet
156Kb / 8P
HEXFET POWER MOSFET
logo
Kersemi Electronic Co.,...
IRF9520NPBF KERSEMI-IRF9520NPBF Datasheet
2Mb / 8P
HEXFET Power MOSFET
More results


Similar Description - IRF9520N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF9520NS IRF-IRF9520NS Datasheet
155Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRFRU9120N IRF-IRFRU9120N Datasheet
117Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com