Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPC40 Datasheet (PDF) - International Rectifier

IRFPC40 Datasheet PDF - International Rectifier
Part # IRFPC40
Download  IRFPC40 Download
File Size   168.54 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)

IRFPC40 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFPC40 Datasheet PDF - International Rectifier

Part # IRFPC40
Download  IRFPC40 Click to download

File Size   168.54 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)

IRFPC40 Datasheet (HTML) - International Rectifier


IRFPC40 Product details





Similar Part No. - IRFPC40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPC40 VISHAY-IRFPC40 Datasheet
1Mb / 8P
Power MOSFET
26-Jun-08
IRFPC40 VISHAY-IRFPC40 Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
IRFPC40 VISHAY-IRFPC40 Datasheet
615Kb / 11P
Power MOSFET
31-Jan-2022
IRFPC40PBF VISHAY-IRFPC40PBF Datasheet
1Mb / 8P
Power MOSFET
26-Jun-08
IRFPC40PBF VISHAY-IRFPC40PBF Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
More results


Similar Description - IRFPC40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF9520NS IRF-IRF9520NS Datasheet
155Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFBC40PBF IRF-IRFBC40PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET (VDSS=600V , RDS(on)=1.2Ohm , ID=6.2A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com