Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPC40 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFPC40
Description  Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPC40 Datasheet(HTML) 1 Page - International Rectifier

  IRFPC40 Datasheet HTML 1Page - International Rectifier IRFPC40 Datasheet HTML 2Page - International Rectifier IRFPC40 Datasheet HTML 3Page - International Rectifier IRFPC40 Datasheet HTML 4Page - International Rectifier IRFPC40 Datasheet HTML 5Page - International Rectifier IRFPC40 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFPC40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPC40 VISHAY-IRFPC40 Datasheet
1Mb / 8P
Power MOSFET
26-Jun-08
IRFPC40 VISHAY-IRFPC40 Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
IRFPC40 VISHAY-IRFPC40 Datasheet
615Kb / 11P
Power MOSFET
31-Jan-2022
IRFPC40PBF VISHAY-IRFPC40PBF Datasheet
1Mb / 8P
Power MOSFET
26-Jun-08
IRFPC40PBF VISHAY-IRFPC40PBF Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
More results

Similar Description - IRFPC40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF9520NS IRF-IRF9520NS Datasheet
155Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFBC40PBF IRF-IRFBC40PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET (VDSS=600V , RDS(on)=1.2Ohm , ID=6.2A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com