Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC40A Datasheet (PDF) - International Rectifier

IRFBC40A Datasheet PDF - International Rectifier
Part # IRFBC40A
Download  IRFBC40A Download
File Size   97.71 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)

IRFBC40A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBC40A Datasheet PDF - International Rectifier

Part # IRFBC40A
Download  IRFBC40A Click to download

File Size   97.71 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)

IRFBC40A Datasheet (HTML) - International Rectifier


IRFBC40A Product details

SMPS MOSFET

Benefits
● Low Gate Charge Qg results in Simple
   Drive Requirement
● Improved Gate, Avalanche and Dynamic
   dv/dt Ruggedness
● Fully Characterized Capacitance and
   Avalanche Voltage and Current
● Effective Coss Specified ( See AN 1001)

Applications
● Switch Mode Power Supply ( SMPS )
● Uninterruptable Power Supply
● High speed power switching




Similar Part No. - IRFBC40A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBC40A VISHAY-IRFBC40A Datasheet
151Kb / 8P
Power MOSFET
07-Jul-08
logo
Inchange Semiconductor ...
IRFBC40A ISC-IRFBC40A Datasheet
328Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBC40A VISHAY-IRFBC40A Datasheet
284Kb / 9P
Power MOSFET
21-Mar-11
logo
International Rectifier
IRFBC40APBF IRF-IRFBC40APBF Datasheet
189Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBC40APBF VISHAY-IRFBC40APBF Datasheet
284Kb / 9P
Power MOSFET
21-Mar-11
More results


Similar Description - IRFBC40A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFBC40PBF IRF-IRFBC40PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET (VDSS=600V , RDS(on)=1.2Ohm , ID=6.2A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com