Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC40S Datasheet (PDF) - International Rectifier

IRFBC40S Datasheet PDF - International Rectifier
Part # IRFBC40S
Download  IRFBC40S Download
File Size   350.66 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)

IRFBC40S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBC40S Datasheet PDF - International Rectifier

Part # IRFBC40S
Download  IRFBC40S Click to download

File Size   350.66 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)

IRFBC40S Datasheet (HTML) - International Rectifier


IRFBC40S Product details

Description

Third generation HEXFETs from international Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

The D2Pak is a surface mount power package capable ofthe accommodatingdie sizes up to HEX-4. It provides the highest power capability and the lowest possible on resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRFBC40L) is available for low-profile applications.



● Surface Mount (IRFBC40S)

● Low-profile through-hole (IRFBC40L)

● Available in Tape & Reel (IRFBC40S)

● Dynamic dv/dt Rating

● 150°C Operating Temperature

● Fast Switching

● Fully Avalanche Rated




Similar Part No. - IRFBC40S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBC40S VISHAY-IRFBC40S Datasheet
984Kb / 8P
Power MOSFET
23-Jun-08
logo
Inchange Semiconductor ...
IRFBC40S ISC-IRFBC40S Datasheet
322Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBC40S VISHAY-IRFBC40S Datasheet
328Kb / 11P
Power MOSFET
30-May-11
logo
International Rectifier
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFBC40SPBF VISHAY-IRFBC40SPBF Datasheet
984Kb / 8P
Power MOSFET
23-Jun-08
More results


Similar Description - IRFBC40S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFBC40PBF IRF-IRFBC40PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET (VDSS=600V , RDS(on)=1.2Ohm , ID=6.2A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com