Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC30 Datasheet (PDF) - STMicroelectronics

IRFBC30 Datasheet PDF - STMicroelectronics
Part # IRFBC30
Download  IRFBC30 Download
File Size   85.58 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET

IRFBC30 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBC30 Datasheet PDF - STMicroelectronics

Part # IRFBC30
Download  IRFBC30 Click to download

File Size   85.58 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET

IRFBC30 Datasheet (HTML) - STMicroelectronics


IRFBC30 Product details

DESCRIPTION
The PowerMESH™ ΙΙ is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns switching speed, gate charge and ruggedness.

■ TYPICAL RDS(on) = 1.8 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVER




Similar Part No. - IRFBC30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
logo
Vishay Siliconix
IRFBC30 VISHAY-IRFBC30 Datasheet
780Kb / 8P
Power MOSFET
16-Jun-08
logo
Inchange Semiconductor ...
IRFBC30 ISC-IRFBC30 Datasheet
328Kb / 2P
iscN-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFBC30 ETC2-IRFBC30 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Vishay Siliconix
IRFBC30 VISHAY-IRFBC30 Datasheet
943Kb / 9P
Power MOSFET
16-Aug-2021
More results


Similar Description - IRFBC30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
IRFBC40 STMICROELECTRONICS-IRFBC40 Datasheet
92Kb / 8P
N - CHANNEL 600V - 1.0ohm - 6.2 A - TO-220 PowerMESH] MOSFET
Aug-1998
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP12NB60H STMICROELECTRONICS-STGP12NB60H Datasheet
87Kb / 8P
N-CHANNEL 12A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP12NB60HD STMICROELECTRONICS-STGP12NB60HD Datasheet
409Kb / 9P
N-CHANNEL 12A - 600V TO-220 PowerMESH™ IGBT
Jul-2003
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
Jun-2000
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
Jun-1999
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP9NB60 STMICROELECTRONICS-STP9NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 0.7ohm - 9A TO-220/TO220FP PowerMESH MOSFET
Jan-2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com