Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC40 Datasheet (PDF) - STMicroelectronics

IRFBC40 Datasheet PDF - STMicroelectronics
Part # IRFBC40
Download  IRFBC40 Download
File Size   92.75 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 600V - 1.0ohm - 6.2 A - TO-220 PowerMESH] MOSFET

IRFBC40 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBC40 Datasheet PDF - STMicroelectronics

Part # IRFBC40
Download  IRFBC40 Click to download

File Size   92.75 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 600V - 1.0ohm - 6.2 A - TO-220 PowerMESH] MOSFET

IRFBC40 Datasheet (HTML) - STMicroelectronics


IRFBC40 Product details

DESCRIPTION
This power MOSFET is designed using the company’s consolidated strip layout-based MESH OVERLAY™ process. This technology matches and improves the performances compared with standard parts from various sources.
   
■ TYPICAL RDS(on) = 1.0 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
   
APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING
    EQUIPMENT AND UNINTERRUPTIBLE
    POWER SUPPLIES AND MOTOR DRIVER
   




Similar Part No. - IRFBC40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFBC40 IRF-IRFBC40 Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Vishay Siliconix
IRFBC40 VISHAY-IRFBC40 Datasheet
590Kb / 8P
Power MOSFET
16-Jun-08
logo
Kersemi Electronic Co.,...
IRFBC40 KERSEMI-IRFBC40 Datasheet
2Mb / 7P
Power MOSFET
More results


Similar Description - IRFBC40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFBC30 STMICROELECTRONICS-IRFBC30 Datasheet
85Kb / 8P
N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET
Jan-2000
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP12NB60H STMICROELECTRONICS-STGP12NB60H Datasheet
87Kb / 8P
N-CHANNEL 12A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP12NB60HD STMICROELECTRONICS-STGP12NB60HD Datasheet
409Kb / 9P
N-CHANNEL 12A - 600V TO-220 PowerMESH™ IGBT
Jul-2003
STGP20NB60H STMICROELECTRONICS-STGP20NB60H Datasheet
86Kb / 8P
N-CHANNEL 20A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
Jun-2000
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
Jun-1999
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP9NB60 STMICROELECTRONICS-STP9NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 0.7ohm - 9A TO-220/TO220FP PowerMESH MOSFET
Jan-2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com