Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC40 Datasheet (PDF) - Harris Corporation

IRFBC40 Datasheet PDF - Harris Corporation
Part # IRFBC40
Download  IRFBC40 Download
File Size   66.91 Kbytes
Page   7 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs

IRFBC40 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBC40 Datasheet PDF - Harris Corporation

Part # IRFBC40
Download  IRFBC40 Click to download

File Size   66.91 Kbytes
Page   7 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs

IRFBC40 Datasheet (HTML) - Harris Corporation


IRFBC40 Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors.
   
Features
• 6.2A and 5.4A, 600V
• rDS(ON) = 1.2Ω and 1.6Ω
• Repetitive Avalanche Energy Rated
• Simple Drive Requirements
• Ease of Paralleling
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount
        Components to PC Boards”
   




Similar Part No. - IRFBC40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFBC40 STMICROELECTRONICS-IRFBC40 Datasheet
92Kb / 8P
N - CHANNEL 600V - 1.0ohm - 6.2 A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Intersil Corporation
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFBC40 IRF-IRFBC40 Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
logo
Vishay Siliconix
IRFBC40 VISHAY-IRFBC40 Datasheet
590Kb / 8P
Power MOSFET
16-Jun-08
logo
Kersemi Electronic Co.,...
IRFBC40 KERSEMI-IRFBC40 Datasheet
2Mb / 7P
Power MOSFET
More results


Similar Description - IRFBC40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
October 1997
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
-5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
January 1998
IRFAC40 INTERSIL-IRFAC40 Datasheet
67Kb / 7P
6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
January 1998
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
July 1999
logo
Harris Corporation
IRFD9113 HARRIS-IRFD9113 Datasheet
342Kb / 6P
-0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
logo
Unisonic Technologies
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com