Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N60Z Datasheet (PDF) - Unisonic Technologies

6N60Z Datasheet PDF - Unisonic Technologies
Part # 6N60Z
Download  6N60Z Download
File Size   200.41 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.2A, 600V N-CHANNEL POWER MOSFET

6N60Z Datasheet (PDF)

Go To PDF Page Download Datasheet
6N60Z Datasheet PDF - Unisonic Technologies

Part # 6N60Z
Download  6N60Z Click to download

File Size   200.41 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.2A, 600V N-CHANNEL POWER MOSFET

6N60Z Datasheet (HTML) - Unisonic Technologies


6N60Z Product details

DESCRIPTION

The UTC 6N60Z is a high voltage power MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in switching power supplies and adaptors.



„ FEATURES

* RDS(ON) = 1.5Ω @VGS = 10V

* Ultra low gate charge (typical 20 nC )

* Low reverse transfer Capacitance ( CRSS = typical 10pF )

* Fast switching capability

* Avalanche energy tested

* Improved dv/dt capability, high ruggedness




Similar Part No. - 6N60Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N60ZG-TF3-T UTC-6N60ZG-TF3-T Datasheet
226Kb / 6P
N-CHANNEL POWER MOSFET
6N60ZL-TF3-T UTC-6N60ZL-TF3-T Datasheet
226Kb / 6P
N-CHANNEL POWER MOSFET
6N60Z UTC-6N60Z_15 Datasheet
226Kb / 6P
N-CHANNEL POWER MOSFET
More results


Similar Description - 6N60Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
July 1999
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
6N65 UTC-6N65 Datasheet
252Kb / 6P
6.2A, 650V N-CHANNEL POWER MOSFET
6N90 UTC-6N90_12 Datasheet
203Kb / 5P
6.2A, 900V N-CHANNEL POWER MOSFET
6N65Z UTC-6N65Z Datasheet
251Kb / 6P
6.2A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
NJ6N65 DGNJDZ-NJ6N65 Datasheet
645Kb / 6P
6.2A 650V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3017 WILLSEMI-WNM3017 Datasheet
857Kb / 8P
Single N-Channel, 30V, 6.2A, Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com