Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ6N65 Datasheet (PDF) - Nanjing International Group Co

NJ6N65 Datasheet PDF - Nanjing International Group Co
Part # NJ6N65
Download  NJ6N65 Download
File Size   645.73 Kbytes
Page   6 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 6.2A 650V N-CHANNEL POWER MOSFET

NJ6N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJ6N65 Datasheet PDF - Nanjing International Group Co

Part # NJ6N65
Download  NJ6N65 Click to download

File Size   645.73 Kbytes
Page   6 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 6.2A 650V N-CHANNEL POWER MOSFET

NJ6N65 Datasheet (HTML) - Nanjing International Group Co




Similar Part No. - NJ6N65

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
NJ6N60-BL DGNJDZ-NJ6N60-BL Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
NJ6N60-LI DGNJDZ-NJ6N60-LI Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
NJ6N60A-LI DGNJDZ-NJ6N60A-LI Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
NJ6N60D-LI DGNJDZ-NJ6N60D-LI Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
More results


Similar Description - NJ6N65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Unisonic Technologies
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
6N65 UTC-6N65 Datasheet
252Kb / 6P
6.2A, 650V N-CHANNEL POWER MOSFET
6N90 UTC-6N90_12 Datasheet
203Kb / 5P
6.2A, 900V N-CHANNEL POWER MOSFET
6N65Z UTC-6N65Z Datasheet
251Kb / 6P
6.2A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WNM3017 WILLSEMI-WNM3017 Datasheet
857Kb / 8P
Single N-Channel, 30V, 6.2A, Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com