Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N65 Datasheet (PDF) - Unisonic Technologies

6N65 Datasheet PDF - Unisonic Technologies
Part # 6N65
Download  6N65 Download
File Size   252.42 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.2A, 650V N-CHANNEL POWER MOSFET

6N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N65 Datasheet PDF - Unisonic Technologies

Part # 6N65
Download  6N65 Click to download

File Size   252.42 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.2A, 650V N-CHANNEL POWER MOSFET

6N65 Datasheet (HTML) - Unisonic Technologies


6N65 Product details

DESCRIPTION

The UTC 6N65 is a high voltage power MOSFET designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and high rugged avalanche characteristics. This power MOSFET is usually used in high speed switching applications of switching power supplies and adaptors.



FEATURES

* RDS(ON) = 1.7Ω @VGS = 10V

* Ultra low gate charge (typical 20 nC )

* Low reverse transfer Capacitance ( CRSS = typical 10pF )

* Fast switching capability

* Avalanche energy tested

* Improved dv/dt capability, high ruggedness




Similar Part No. - 6N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
6N65 ISC-6N65 Datasheet
136Kb / 2P
Drain Current ID= 6.2A@ TC=25C
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
6N65 ZSELEC-6N65 Datasheet
460Kb / 6P
N-CHANNEL POWER MOSFET
logo
SUNMATE electronic Co.,...
6N65 SUNMATE-6N65 Datasheet
2Mb / 7P
N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N65-C UTC-6N65-C Datasheet
200Kb / 6P
N-CHANNEL POWER MOSFET
More results


Similar Description - 6N65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Unisonic Technologies
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
6N90 UTC-6N90_12 Datasheet
203Kb / 5P
6.2A, 900V N-CHANNEL POWER MOSFET
6N65Z UTC-6N65Z Datasheet
251Kb / 6P
6.2A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
NJ6N65 DGNJDZ-NJ6N65 Datasheet
645Kb / 6P
6.2A 650V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WNM3017 WILLSEMI-WNM3017 Datasheet
857Kb / 8P
Single N-Channel, 30V, 6.2A, Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com