Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9230 Datasheet (PDF) - Intersil Corporation

IRF9230 Datasheet PDF - Intersil Corporation
Part # IRF9230
Download  IRF9230 Download
File Size   72.62 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description -5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs

IRF9230 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9230 Datasheet PDF - Intersil Corporation

Part # IRF9230
Download  IRF9230 Click to download

File Size   72.62 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description -5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs

IRF9230 Datasheet (HTML) - Intersil Corporation


IRF9230 Product details

Description
These devices are P-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly Developmental type TA17512.

Features
• -5.5A and -6.5A, -150V and -200V
• rDS(ON) = 0.8Ω and 1.2Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRF9230

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9230 SAMSUNG-IRF9230 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF9230 SEME-LAB-IRF9230 Datasheet
22Kb / 2P
P-CHANNEL POWER MOSFET
logo
International Rectifier
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
logo
New Jersey Semi-Conduct...
IRF9230 NJSEMI-IRF9230 Datasheet
115Kb / 2P
Avalanche-Energy-Rated P-Channel Power MOSFETs
More results


Similar Description - IRF9230

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
October 1997
IRF230 INTERSIL-IRF230 Datasheet
69Kb / 7P
8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
October 1997
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
July 1999
IRFAC40 INTERSIL-IRFAC40 Datasheet
67Kb / 7P
6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
January 1998
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
January 1998
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
September 1998
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
IRFD9113 HARRIS-IRFD9113 Datasheet
342Kb / 6P
-0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com