Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9630 Datasheet (PDF) - Intersil Corporation

IRF9630 Datasheet PDF - Intersil Corporation
Part # IRF9630
Download  IRF9630 Download
File Size   63.9 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs

IRF9630 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9630 Datasheet PDF - Intersil Corporation

Part # IRF9630
Download  IRF9630 Click to download

File Size   63.9 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs

IRF9630 Datasheet (HTML) - Intersil Corporation


IRF9630 Product details

These are P-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for other high-power switching devices. The high input impedance allows these types to be operated directly from integrated circuits.

Features
• 6.5A, 200V
• rDS(ON) = 0.800Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRF9630

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9630 SAMSUNG-IRF9630 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
International Rectifier
IRF9630 IRF-IRF9630 Datasheet
175Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
logo
Vishay Siliconix
IRF9630 VISHAY-IRF9630 Datasheet
547Kb / 8P
Power MOSFET
16-Jun-08
logo
Kersemi Electronic Co.,...
IRF9630 KERSEMI-IRF9630 Datasheet
2Mb / 7P
Power MOSFET
logo
List of Unclassifed Man...
IRF9630 ETC2-IRF9630 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - IRF9630

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
June 1999
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
-5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
January 1998
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
July 1999
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
July 1999
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
March 1999
IRFF9220 INTERSIL-IRFF9220 Datasheet
327Kb / 7P
-2.5A, -200V, 1.5 Ohm, P-Channel Power MOSFETs
July 1998
IRFF9230 INTERSIL-IRFF9230 Datasheet
328Kb / 7P
-4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET
February 1999
IRFR220 INTERSIL-IRFR220 Datasheet
55Kb / 7P
4.6A, 200V, 0.800 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com