Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9630 Datasheet (PDF) - International Rectifier

IRF9630 Datasheet PDF - International Rectifier
Part # IRF9630
Download  IRF9630 Download
File Size   175.1 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)

IRF9630 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9630 Datasheet PDF - International Rectifier

Part # IRF9630
Download  IRF9630 Click to download

File Size   175.1 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)

IRF9630 Datasheet (HTML) - International Rectifier




Similar Part No. - IRF9630

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9630 SAMSUNG-IRF9630 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
July 1999
logo
Vishay Siliconix
IRF9630 VISHAY-IRF9630 Datasheet
547Kb / 8P
Power MOSFET
16-Jun-08
logo
Kersemi Electronic Co.,...
IRF9630 KERSEMI-IRF9630 Datasheet
2Mb / 7P
Power MOSFET
logo
List of Unclassifed Man...
IRF9630 ETC2-IRF9630 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - IRF9630

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRF9630S IRF-IRF9630S Datasheet
179Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRFD220 IRF-IRFD220 Datasheet
175Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=0.80A)
IRFI620G IRF-IRFI620G Datasheet
173Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.1A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRL620 IRF-IRL620 Datasheet
452Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRL620S IRF-IRL620S Datasheet
502Kb / 9P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
JANTX2N6806 IRF-JANTX2N6806 Datasheet
241Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com