Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9630S Datasheet (PDF) - International Rectifier

IRF9630S Datasheet PDF - International Rectifier
Part # IRF9630S
Download  IRF9630S Download
File Size   179.25 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)

IRF9630S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9630S Datasheet PDF - International Rectifier

Part # IRF9630S
Download  IRF9630S Click to download

File Size   179.25 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)

IRF9630S Datasheet (HTML) - International Rectifier


IRF9630S Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Surface mount
• Available in tape and reel
• Dynamic dV/dt rating
• Repetitive avalanche rated
• P-channel
• Fast switching
• Ease of paralleling




Similar Part No. - IRF9630S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF9630S VISHAY-IRF9630S Datasheet
182Kb / 8P
Power MOSFET
02-May-16
IRF9630S VISHAY-IRF9630S Datasheet
181Kb / 8P
Power MOSFET
02-May-16
IRF9630SPBF VISHAY-IRF9630SPBF Datasheet
181Kb / 8P
Power MOSFET
02-May-16
IRF9630STRLPBFA VISHAY-IRF9630STRLPBFA Datasheet
181Kb / 8P
Power MOSFET
02-May-16
More results


Similar Description - IRF9630S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRF9630 IRF-IRF9630 Datasheet
175Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRFD220 IRF-IRFD220 Datasheet
175Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=0.80A)
IRFI620G IRF-IRFI620G Datasheet
173Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.1A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRL620 IRF-IRL620 Datasheet
452Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRL620S IRF-IRL620S Datasheet
502Kb / 9P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
JANTX2N6806 IRF-JANTX2N6806 Datasheet
241Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com