Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL620 Datasheet (PDF) - International Rectifier

IRL620 Datasheet PDF - International Rectifier
Part # IRL620
Download  IRL620 Download
File Size   452.47 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)

IRL620 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL620 Datasheet PDF - International Rectifier

Part # IRL620
Download  IRL620 Click to download

File Size   452.47 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)

IRL620 Datasheet (HTML) - International Rectifier


IRL620 Product details

VDSS = 200V
RDS(on) = 0.80Ω
ID = 5.2A

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low onresistance and cost-effectiveness. The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.

● Dynamic dv/dt Rating
● Repetitive Avalanche Rated
● Logic-Level Gate Drive
● RDS(ON) Specified at VGS = 4V & 5V
● Fast Switching
● Ease of paralleling
● Simple Drive Requirements




Similar Part No. - IRL620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRL620 VISHAY-IRL620 Datasheet
1Mb / 8P
Power MOSFET
17-Jul-08
IRL620 VISHAY-IRL620 Datasheet
2Mb / 9P
Power MOSFET
21-Mar-11
IRL620 VISHAY-IRL620 Datasheet
2Mb / 9P
Power MOSFET
21-Mar-11
IRL620 VISHAY-IRL620 Datasheet
1Mb / 9P
Power MOSFET
25-Oct-2021
logo
Fairchild Semiconductor
IRL620A FAIRCHILD-IRL620A Datasheet
222Kb / 7P
Advanced Power MOSFET
More results


Similar Description - IRL620

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRF9630 IRF-IRF9630 Datasheet
175Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRF9630S IRF-IRF9630S Datasheet
179Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRFD220 IRF-IRFD220 Datasheet
175Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=0.80A)
IRFI620G IRF-IRFI620G Datasheet
173Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.1A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRL620S IRF-IRL620S Datasheet
502Kb / 9P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRF620SPBF IRF-IRF620SPBF Datasheet
1Mb / 9P
HEXFET POWER MOSFET (VDSS=200V , RDS(on)=0.80廓 , ID=5.2A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com