Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFI620G Datasheet (PDF) - International Rectifier

IRFI620G Datasheet PDF - International Rectifier
Part # IRFI620G
Download  IRFI620G Download
File Size   173.31 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.1A)

IRFI620G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI620G Datasheet PDF - International Rectifier

Part # IRFI620G
Download  IRFI620G Click to download

File Size   173.31 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.1A)

IRFI620G Datasheet (HTML) - International Rectifier


IRFI620G Product details

DESCRIPTION
Third Generation HEXFETs International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications. The molding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.

• Isolated Package
• High Voltage Isolation=2.5KVRMS
• Sink to Lead Creepage Dist.=4.8mm
• Dynamic dV/dt Rating
• Low Thermal Resistance




Similar Part No. - IRFI620G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI620G VISHAY-IRFI620G Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFI620G VISHAY-IRFI620G Datasheet
271Kb / 10P
Power MOSFET
11-Oct-2021
logo
International Rectifier
IRFI620GPBF IRF-IRFI620GPBF Datasheet
292Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFI620GPBF VISHAY-IRFI620GPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFI620GPBF VISHAY-IRFI620GPBF Datasheet
271Kb / 10P
Power MOSFET
11-Oct-2021
More results


Similar Description - IRFI620G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRF9630 IRF-IRF9630 Datasheet
175Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRF9630S IRF-IRF9630S Datasheet
179Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFD220 IRF-IRFD220 Datasheet
175Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=0.80A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRL620 IRF-IRL620 Datasheet
452Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRL620S IRF-IRL620S Datasheet
502Kb / 9P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com