Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPE30 Datasheet (PDF) - International Rectifier

IRFPE30 Datasheet PDF - International Rectifier
Part # IRFPE30
Download  IRFPE30 Download
File Size   165.31 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)

IRFPE30 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFPE30 Datasheet PDF - International Rectifier

Part # IRFPE30
Download  IRFPE30 Click to download

File Size   165.31 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)

IRFPE30 Datasheet (HTML) - International Rectifier


IRFPE30 Product details

SMPS MOSFET



Applications

Switch Mode Power Supply (SMPS)

Uninterruptible Power Supply

High Speed Power Switching

Hard Switched and High Frequency Circuits

Lead-Free



Benefits

Low Gate Charge Qg results in Simple Drive Requirement

Improved Gate, Avalanche and Dynamic dv/dt Ruggedness

Fully Characterized Capacitance and Avalanche Voltage and Current

Low RDS(on)




Similar Part No. - IRFPE30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPE30 IRF-IRFPE30 Datasheet
385Kb / 10P
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
IRFPE30 VISHAY-IRFPE30 Datasheet
1Mb / 8P
Power MOSFET
17-Jun-08
logo
International Rectifier
IRFPE30PBF IRF-IRFPE30PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFPE30PBF VISHAY-IRFPE30PBF Datasheet
1Mb / 8P
Power MOSFET
17-Jun-08
More results


Similar Description - IRFPE30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IFRI820G IRF-IFRI820G Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFD9210 IRF-IRFD9210 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-0.40A)
IRFI620G IRF-IRFI620G Datasheet
173Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.1A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
IRFIBE30G IRF-IRFIBE30G Datasheet
142Kb / 5P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
IRFR9210 IRF-IRFR9210 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A)
IRFRU9214 IRF-IRFRU9214 Datasheet
107Kb / 10P
Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com