Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9610S Datasheet (PDF) - International Rectifier

IRF9610S Datasheet PDF - International Rectifier
Part # IRF9610S
Download  IRF9610S Download
File Size   163.07 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)

IRF9610S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9610S Datasheet PDF - International Rectifier

Part # IRF9610S
Download  IRF9610S Click to download

File Size   163.07 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)

IRF9610S Datasheet (HTML) - International Rectifier


IRF9610S Product details

Description
The HEXFET technology is the key to international Rectifiers advanced line of power MOSFET transistors. The efficient geometry and unique processing of the HEXFET design achieve very low on-state resistance combined with high transconductance and extreme device ruggedness.

• Surface Mount
• Available in Tape and Reel
• Dynamic dV/dt Rating
• P-Channel
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRF9610S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF9610S VISHAY-IRF9610S Datasheet
206Kb / 10P
Power MOSFET
02-Jul-12
IRF9610S VISHAY-IRF9610S Datasheet
199Kb / 9P
Power MOSFET
30-Aug-2021
IRF9610SPBF VISHAY-IRF9610SPBF Datasheet
199Kb / 9P
Power MOSFET
30-Aug-2021
IRF9610STRLPBF VISHAY-IRF9610STRLPBF Datasheet
199Kb / 9P
Power MOSFET
30-Aug-2021
IRF9610STRRPBF VISHAY-IRF9610STRRPBF Datasheet
199Kb / 9P
Power MOSFET
30-Aug-2021
More results


Similar Description - IRF9610S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IFRI820G IRF-IFRI820G Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
IRF820 IRF-IRF820 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF9610 IRF-IRF9610 Datasheet
161Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFD9210 IRF-IRFD9210 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-0.40A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9210 IRF-IRFR9210 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A)
IRFRU9214 IRF-IRFRU9214 Datasheet
107Kb / 10P
Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A)
IRF9610PBF IRF-IRF9610PBF Datasheet
1Mb / 8P
HEXFET POWER MOSFET ( VDSS=-200V , RDS(on)=3.0廓 , ID=-1.8A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com