Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9610SPBF Datasheet (PDF) - Vishay Siliconix

IRF9610SPBF Datasheet PDF - Vishay Siliconix
Part # IRF9610SPBF
Download  IRF9610SPBF Download
File Size   199.64 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRF9610SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9610SPBF Datasheet PDF - Vishay Siliconix

Part # IRF9610SPBF
Download  IRF9610SPBF Click to download

File Size   199.64 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRF9610SPBF Datasheet (HTML) - Vishay Siliconix


IRF9610SPBF Product details

FEATURES
• Surface-mount
• Available in tape and reel
• Dynamic dV/dt rating
• P-channel
• Fast switching
• Ease of paralleling
• Simple drive requirements
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details

DESCRIPTION
Third generation power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and
cost-effectiveness.
The D2PAK (TO-263) is a surface-mount power package
capable of accommodating die sizes up to HEX-4. It
provides the highest power capability and the lowest
possible on-resistance in any existing surface-mount
package. The D2PAK (TO-263) is suitable for high current
applications because of its low internal connection
resistance and can dissipate up to 2 W in a typical surface
mount application.




Similar Part No. - IRF9610SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
logo
Vishay Siliconix
IRF9610S VISHAY-IRF9610S Datasheet
206Kb / 10P
Power MOSFET
02-Jul-12
More results


Similar Description - IRF9610SPBF

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com