Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF220 Datasheet (PDF) - Intersil Corporation

IRFF220 Datasheet PDF - Intersil Corporation
Part # IRFF220
Download  IRFF220 Download
File Size   325.04 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET

IRFF220 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF220 Datasheet PDF - Intersil Corporation

Part # IRFF220
Download  IRFF220 Click to download

File Size   325.04 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET

IRFF220 Datasheet (HTML) - Intersil Corporation


IRFF220 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 3.5A, 200V
• rDS(ON) = 0.800Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRFF220

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFF220 SEME-LAB-IRFF220 Datasheet
45Kb / 2P
N?밅HANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFF220 NJSEMI-IRFF220 Datasheet
80Kb / 2P
Absolute Maximum Ratings
More results


Similar Description - IRFF220

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF610-613 FAIRCHILD-IRF610-613 Datasheet
148Kb / 5P
N-Channel Power MOSFETs, 3.5A, 150-200V
logo
Intersil Corporation
BUZ45A INTERSIL-BUZ45A Datasheet
12Kb / 1P
8.3A, 500V, 0.800 Ohm, N-Channel Power MOSFET
October 1998
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
June 1999
IRF9620 INTERSIL-IRF9620 Datasheet
58Kb / 7P
3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET
July 1999
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
July 1999
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
July 1999
IRFF9230 INTERSIL-IRFF9230 Datasheet
328Kb / 7P
-4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET
February 1999
IRFR220 INTERSIL-IRFR220 Datasheet
55Kb / 7P
4.6A, 200V, 0.800 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com