Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF9230 Datasheet (PDF) - Intersil Corporation

IRFF9230 Datasheet PDF - Intersil Corporation
Part # IRFF9230
Download  IRFF9230 Download
File Size   328.01 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description -4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET

IRFF9230 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF9230 Datasheet PDF - Intersil Corporation

Part # IRFF9230
Download  IRFF9230 Click to download

File Size   328.01 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description -4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET

IRFF9230 Datasheet (HTML) - Intersil Corporation


IRFF9230 Product details

This P-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.



Features

• -4.0A, -200V

• rDS(ON) = 0.800Ω

• Single Pulse Avalanche Energy Rated

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance




Similar Part No. - IRFF9230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF9230 IRF-IRFF9230 Datasheet
135Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF9230 SEME-LAB-IRFF9230 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
IRFF9230 NJSEMI-IRFF9230 Datasheet
115Kb / 2P
Avalanche-Energy-Rated P-Channel Power MOSFETs
More results


Similar Description - IRFF9230

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
June 1999
IRF9240 INTERSIL-IRF9240 Datasheet
63Kb / 7P
-11A, -200V, 0.500 Ohm, P-Channel Power MOSFET
February 1999
IRF9620 INTERSIL-IRF9620 Datasheet
58Kb / 7P
3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET
July 1999
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
July 1999
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
July 1999
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
March 1999
IRFP9240 INTERSIL-IRFP9240 Datasheet
56Kb / 7P
12A, 200V, 0.500 Ohm, P-Channel Power MOSFET
July 1999
IRFR220 INTERSIL-IRFR220 Datasheet
55Kb / 7P
4.6A, 200V, 0.800 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com