Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP9240 Datasheet (PDF) - Intersil Corporation

IRFP9240 Datasheet PDF - Intersil Corporation
Part # IRFP9240
Download  IRFP9240 Download
File Size   56.43 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 200V, 0.500 Ohm, P-Channel Power MOSFET

IRFP9240 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP9240 Datasheet PDF - Intersil Corporation

Part # IRFP9240
Download  IRFP9240 Click to download

File Size   56.43 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 200V, 0.500 Ohm, P-Channel Power MOSFET

IRFP9240 Datasheet (HTML) - Intersil Corporation


IRFP9240 Product details

This P-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.



Features

• 12A, 200V

• rDS(ON) = 0.500Ω

• Single Pulse Avalanche Energy Rated

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance




Similar Part No. - IRFP9240

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRFP9240 SAMSUNG-IRFP9240 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
International Rectifier
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
logo
Vishay Siliconix
IRFP9240 VISHAY-IRFP9240 Datasheet
1Mb / 8P
Power MOSFET
26-Jun-08
logo
New Jersey Semi-Conduct...
IRFP9240 NJSEMI-IRFP9240 Datasheet
158Kb / 4P
P-CHANNEL POWER MOSFETS
IRFP9240 NJSEMI-IRFP9240 Datasheet
158Kb / 4P
P-CHANNEL POWER MOSFETS
More results


Similar Description - IRFP9240

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
FRL230D INTERSIL-FRL230D Datasheet
47Kb / 6P
5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
IRF9240 INTERSIL-IRF9240 Datasheet
63Kb / 7P
-11A, -200V, 0.500 Ohm, P-Channel Power MOSFET
February 1999
IRF9620 INTERSIL-IRF9620 Datasheet
58Kb / 7P
3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET
July 1999
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
July 1999
IRFF9230 INTERSIL-IRFF9230 Datasheet
328Kb / 7P
-4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET
February 1999
JANSR2N7275 INTERSIL-JANSR2N7275 Datasheet
39Kb / 7P
5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
September 1998
RFP10P15 INTERSIL-RFP10P15 Datasheet
305Kb / 5P
-10A, -150V, 0.500 Ohm, P-Channel Power MOSFET
October 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com