Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ45B Datasheet (PDF) - Intersil Corporation

BUZ45B Datasheet PDF - Intersil Corporation
Part # BUZ45B
Download  BUZ45B Download
File Size   42.44 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 500V, 0.500 Ohm, N-Channel Power MOSFET

BUZ45B Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ45B Datasheet PDF - Intersil Corporation

Part # BUZ45B
Download  BUZ45B Click to download

File Size   42.44 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 500V, 0.500 Ohm, N-Channel Power MOSFET

BUZ45B Datasheet (HTML) - Intersil Corporation


BUZ45B Product details

This is an N-Channel enhancement mode silicon gate power field effect transistor designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. This type can be operated directly from integrated circuits.
   
Features
• 10A, 500V
• rDS(ON) = 0.500Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
   




Similar Part No. - BUZ45B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ45B ISC-BUZ45B Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
More results


Similar Description - BUZ45B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
FRM450D INTERSIL-FRM450D Datasheet
47Kb / 6P
10A, 500V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRF9240 INTERSIL-IRF9240 Datasheet
63Kb / 7P
-11A, -200V, 0.500 Ohm, P-Channel Power MOSFET
February 1999
IRFP9240 INTERSIL-IRFP9240 Datasheet
56Kb / 7P
12A, 200V, 0.500 Ohm, P-Channel Power MOSFET
July 1999
JANSR2N7275 INTERSIL-JANSR2N7275 Datasheet
39Kb / 7P
5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
October 1998
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
September 1998
RFP10P15 INTERSIL-RFP10P15 Datasheet
305Kb / 5P
-10A, -150V, 0.500 Ohm, P-Channel Power MOSFET
October 1999
logo
Unisonic Technologies
10N50_1109 UTC-10N50_1109 Datasheet
179Kb / 6P
10A, 500V N-CHANNEL POWER MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com