Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFH10N45 Datasheet (PDF) - Intersil Corporation

RFH10N45 Datasheet PDF - Intersil Corporation
Part # RFH10N45
Download  RFH10N45 Download
File Size   32.63 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs

RFH10N45 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFH10N45 Datasheet PDF - Intersil Corporation

Part # RFH10N45
Download  RFH10N45 Click to download

File Size   32.63 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs

RFH10N45 Datasheet (HTML) - Intersil Corporation


RFH10N45 Product details

These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly developmental type TA17435.

Features
• 10A, 450V and 500V
• rDS(ON) = 0.600Ω
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFH10N45

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RFH10N45 ISC-RFH10N45 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - RFH10N45

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
N-Channel Power MOSFETs, 4.5A, 450V/500V
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
N-Channel Power MOSFETs, 12A, 450V/500V
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
FRM450D INTERSIL-FRM450D Datasheet
47Kb / 6P
10A, 500V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
July 1998
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
September 1998
RFM3N45 INTERSIL-RFM3N45 Datasheet
81Kb / 10P
3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
October 1998
RFM6N45 INTERSIL-RFM6N45 Datasheet
32Kb / 4P
6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs
September 1998
logo
New Jersey Semi-Conduct...
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com