Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF420 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

IRF420 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # IRF420
Download  IRF420 Download
File Size   142.02 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs

IRF420 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF420 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # IRF420
Download  IRF420 Click to download

File Size   142.02 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs

IRF420 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


IRF420 Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 2.2A and 2.5A, 450V and 500V
• rDS(ON)= 3-Ofi and 4.0Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature




Similar Part No. - IRF420

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF420 SAMSUNG-IRF420 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF420 FAIRCHILD-IRF420 Datasheet
157Kb / 5P
N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
July 1998
logo
Inchange Semiconductor ...
IRF420 ISC-IRF420 Datasheet
48Kb / 2P
isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF420 ARTSCHIP-IRF420 Datasheet
381Kb / 5P
N-Channel Power MOSFETs
More results


Similar Description - IRF420

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
N-Channel Power MOSFETs, 4.5A, 450V/500V
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
N-Channel Power MOSFETs, 12A, 450V/500V
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
July 1998
IRFR214 INTERSIL-IRFR214 Datasheet
52Kb / 6P
2.2A, 250V, 2.000 Ohm, N-Channel Power MOSFETs
July 1999
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
July 1999
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
October 1998
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
September 1998
RFM3N45 INTERSIL-RFM3N45 Datasheet
81Kb / 10P
3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
October 1998
RFM6N45 INTERSIL-RFM6N45 Datasheet
32Kb / 4P
6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs
September 1998
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com