Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR214 Datasheet (PDF) - Intersil Corporation

IRFR214 Datasheet PDF - Intersil Corporation
Part # IRFR214
Download  IRFR214 Download
File Size   52.94 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.2A, 250V, 2.000 Ohm, N-Channel Power MOSFETs

IRFR214 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR214 Datasheet PDF - Intersil Corporation

Part # IRFR214
Download  IRFR214 Click to download

File Size   52.94 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.2A, 250V, 2.000 Ohm, N-Channel Power MOSFETs

IRFR214 Datasheet (HTML) - Intersil Corporation


IRFR214 Product details

These are N-Channel enhancement mode silicon gate power field effect transistors designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. They are advanced power MOSFETs are designed for use in applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for highpower bipolar switching transistors requiring high speed and low gate-drive power. These transistors can be operated directly from integrated circuits.

Features
• 2.2A, 250V
• rDS(ON) = 2.000Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• High Input Impedance
• 150°C Operating Temperature
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRFR214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR214 IRF-IRFR214 Datasheet
169Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
logo
Vishay Siliconix
IRFR214 VISHAY-IRFR214 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
Kersemi Electronic Co.,...
IRFR214 KERSEMI-IRFR214 Datasheet
4Mb / 7P
Power MOSFET
logo
Vishay Siliconix
IRFR214 VISHAY-IRFR214 Datasheet
853Kb / 11P
Power MOSFET
04-Feb-13
logo
Inchange Semiconductor ...
IRFR214 ISC-IRFR214 Datasheet
331Kb / 2P
iscN-Channel MOSFET Transistor
More results


Similar Description - IRFR214

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
FRE264D INTERSIL-FRE264D Datasheet
48Kb / 6P
23A, 250V, 0.130 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF254D INTERSIL-FRF254D Datasheet
49Kb / 6P
17A, 250V, 0.185 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK254D INTERSIL-FRK254D Datasheet
48Kb / 6P
20A, 250V, 0.170 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK264D INTERSIL-FRK264D Datasheet
61Kb / 7P
34A, 250V, 0.120 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL234D INTERSIL-FRL234D Datasheet
47Kb / 6P
4A, 250V, 0.700 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM234D INTERSIL-FRM234D Datasheet
48Kb / 6P
7A, 250V, 0.70 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS234D INTERSIL-FRS234D Datasheet
49Kb / 6P
5A, 250V, 0.715 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
October 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com