Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR214 Datasheet (PDF) - International Rectifier

IRFR214 Datasheet PDF - International Rectifier
Part # IRFR214
Download  IRFR214 Download
File Size   169.07 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)

IRFR214 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR214 Datasheet PDF - International Rectifier

Part # IRFR214
Download  IRFR214 Click to download

File Size   169.07 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)

IRFR214 Datasheet (HTML) - International Rectifier


IRFR214 Product details

HEXFET® Power MOSFET

VDSS = 250V
RDS(on) = 2.0Ω
ID = 2.2A




Similar Part No. - IRFR214

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFR214 INTERSIL-IRFR214 Datasheet
52Kb / 6P
2.2A, 250V, 2.000 Ohm, N-Channel Power MOSFETs
July 1999
logo
Vishay Siliconix
IRFR214 VISHAY-IRFR214 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
Kersemi Electronic Co.,...
IRFR214 KERSEMI-IRFR214 Datasheet
4Mb / 7P
Power MOSFET
logo
Vishay Siliconix
IRFR214 VISHAY-IRFR214 Datasheet
853Kb / 11P
Power MOSFET
04-Feb-13
logo
Inchange Semiconductor ...
IRFR214 ISC-IRFR214 Datasheet
331Kb / 2P
iscN-Channel MOSFET Transistor
More results


Similar Description - IRFR214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF7453 IRF-IRF7453 Datasheet
220Kb / 8P
Power MOSFET(Vdss=250V, Id=2.2A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFBC20S IRF-IRFBC20S Datasheet
355Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFD214 IRF-IRFD214 Datasheet
497Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFL214 IRF-IRFL214 Datasheet
174Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.79A)
IRFPE40 IRF-IRFPE40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com