Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC20S Datasheet (PDF) - International Rectifier

IRFBC20S Datasheet PDF - International Rectifier
Part # IRFBC20S
Download  IRFBC20S Download
File Size   355.61 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)

IRFBC20S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBC20S Datasheet PDF - International Rectifier

Part # IRFBC20S
Download  IRFBC20S Click to download

File Size   355.61 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)

IRFBC20S Datasheet (HTML) - International Rectifier


IRFBC20S Product details

Description
Third generation HEXFETs from international Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The D2Pak is a surface mount power package capable ofthe accommodatingdie sizes up to HEX-4. It provides the highest power capability and the lowest possible on resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRFBC20L) is available for low-profile applications.

● Surface Mount (IRFBC20S)
● Low-profile through-hole (IRFBC20L)
● Available in Tape & Reel (IRFBC20S)
● Dynamic dv/dt Rating
● 150°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRFBC20S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBC20S VISHAY-IRFBC20S Datasheet
247Kb / 8P
Power MOSFET
03-Jun-08
IRFBC20S VISHAY-IRFBC20S Datasheet
329Kb / 11P
Power MOSFET
30-May-11
IRFBC20S VISHAY-IRFBC20S Datasheet
310Kb / 11P
Power MOSFET
20-Sep-2021
logo
International Rectifier
IRFBC20S/LPBF IRF-IRFBC20S/LPBF Datasheet
381Kb / 10P
HEXFET Power MOSFET
IRFBC20SPBF IRF-IRFBC20SPBF Datasheet
381Kb / 10P
HEXFET Power MOSFET
More results


Similar Description - IRFBC20S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFB9N60A IRF-IRFB9N60A Datasheet
135Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.75ohm, Id=9.2A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFDC20 IRF-IRFDC20 Datasheet
464Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=0.32A)
IRFIBC20G IRF-IRFIBC20G Datasheet
167Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPC48 IRF-IRFPC48 Datasheet
214Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.82ohm, Id=8.9A)
IRFR214 IRF-IRFR214 Datasheet
169Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
IRFRC20 IRF-IRFRC20 Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com