Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFDC20 Datasheet (PDF) - International Rectifier

IRFDC20 Datasheet PDF - International Rectifier
Part # IRFDC20
Download  IRFDC20 Download
File Size   464.77 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=0.32A)

IRFDC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFDC20 Datasheet PDF - International Rectifier

Part # IRFDC20
Download  IRFDC20 Click to download

File Size   464.77 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=0.32A)

IRFDC20 Datasheet (HTML) - International Rectifier


IRFDC20 Product details

VDSS = 600V
RDS(on) = 4.4Ω
ID = 0.32A

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low onresistance and cost-effectiveness. The 4-pin DIP package is a low-cost machine-insertable case style which can be stacked in multiple combinations on standard 0.1 inch pin centers. The dual drain serves as a thermal link to the mounting surface for power dissipation levels up to 1 watt.

● Dynamic dv/dt Rating
● Repetitive Avalanche Rated
● For Automatic Insertion
● End Stackable
● Fast Switching
● Ease of paralleling
● Simple Drive Requirements




Similar Part No. - IRFDC20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFDC20 VISHAY-IRFDC20 Datasheet
1Mb / 8P
Power MOSFET
13-Jun-08
IRFDC20 VISHAY-IRFDC20 Datasheet
413Kb / 9P
Power MOSFET
30-Aug-2021
IRFDC20PBF VISHAY-IRFDC20PBF Datasheet
1Mb / 8P
Power MOSFET
13-Jun-08
IRFDC20PBF VISHAY-IRFDC20PBF Datasheet
413Kb / 9P
Power MOSFET
30-Aug-2021
IRFDC20 VISHAY-IRFDC20_V01 Datasheet
413Kb / 9P
Power MOSFET
30-Aug-2021
More results


Similar Description - IRFDC20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFB9N60A IRF-IRFB9N60A Datasheet
135Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.75ohm, Id=9.2A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFBC20S IRF-IRFBC20S Datasheet
355Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFIBC20G IRF-IRFIBC20G Datasheet
167Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPC48 IRF-IRFPC48 Datasheet
214Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.82ohm, Id=8.9A)
IRFRC20 IRF-IRFRC20 Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com