Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPE40 Datasheet (PDF) - International Rectifier

IRFPE40 Datasheet PDF - International Rectifier
Part # IRFPE40
Download  IRFPE40 Download
File Size   168.26 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)

IRFPE40 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFPE40 Datasheet PDF - International Rectifier

Part # IRFPE40
Download  IRFPE40 Click to download

File Size   168.26 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)

IRFPE40 Datasheet (HTML) - International Rectifier


IRFPE40 Product details





Similar Part No. - IRFPE40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPE40 VISHAY-IRFPE40 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
Inchange Semiconductor ...
IRFPE40 ISC-IRFPE40 Datasheet
272Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFPE40 VISHAY-IRFPE40 Datasheet
835Kb / 11P
Power MOSFET
04-May-15
logo
International Rectifier
IRFPE40PBF IRF-IRFPE40PBF Datasheet
885Kb / 8P
Power MOSFET
logo
Vishay Siliconix
IRFPE40PBF VISHAY-IRFPE40PBF Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
More results


Similar Description - IRFPE40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBE20 IRF-IRFBE20 Datasheet
171Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFD214 IRF-IRFD214 Datasheet
497Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFIBE20G IRF-IRFIBE20G Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)
IRFIBE30G IRF-IRFIBE30G Datasheet
142Kb / 5P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
IRFL214 IRF-IRFL214 Datasheet
174Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.79A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFR214 IRF-IRFR214 Datasheet
169Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com