Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBE20 Datasheet (PDF) - International Rectifier

IRFBE20 Datasheet PDF - International Rectifier
Part # IRFBE20
Download  IRFBE20 Download
File Size   171.1 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)

IRFBE20 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBE20 Datasheet PDF - International Rectifier

Part # IRFBE20
Download  IRFBE20 Click to download

File Size   171.1 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)

IRFBE20 Datasheet (HTML) - International Rectifier


IRFBE20 Product details

Description
Third Generation HEXFETs International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.

● Dynamic dV/dt Rating
● Repetitive Avalanche Rated
● Fast Switching
● Ease of Paralleling
● Simple Drive Requirements




Similar Part No. - IRFBE20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBE20 VISHAY-IRFBE20 Datasheet
1,000Kb / 8P
Power MOSFET
07-Jul-08
IRFBE20 VISHAY-IRFBE20 Datasheet
266Kb / 9P
Power MOSFET
16-Aug-2021
logo
International Rectifier
IRFBE20PBF IRF-IRFBE20PBF Datasheet
249Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBE20PBF VISHAY-IRFBE20PBF Datasheet
1,000Kb / 8P
Power MOSFET
07-Jul-08
IRFBE20PBF VISHAY-IRFBE20PBF Datasheet
266Kb / 9P
Power MOSFET
16-Aug-2021
More results


Similar Description - IRFBE20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9610 IRF-IRF9610 Datasheet
161Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFIBE20G IRF-IRFIBE20G Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)
IRFIBE30G IRF-IRFIBE30G Datasheet
142Kb / 5P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFPE40 IRF-IRFPE40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
IRFPE50 IRF-IRFPE50 Datasheet
174Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
IRFRU9310 IRF-IRFRU9310 Datasheet
116Kb / 10P
Power MOSFET(Vdss=-400V, Rds(on)=7.0ohm, Id=-1.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com