Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIBE20G Datasheet (PDF) - International Rectifier

IRFIBE20G Datasheet PDF - International Rectifier
Part # IRFIBE20G
Download  IRFIBE20G Download
File Size   168.71 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)

IRFIBE20G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFIBE20G Datasheet PDF - International Rectifier

Part # IRFIBE20G
Download  IRFIBE20G Click to download

File Size   168.71 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)

IRFIBE20G Datasheet (HTML) - International Rectifier


IRFIBE20G Product details

DESCRIPTION
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications. The molding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.

• Isolated Package
• High Voltage Isolation = 2.5KVRMS
• Sink to Lead Creepage Dist.=4.8mm
• Dynamic dV/dt Rating
• Low Thermal Resistance




Similar Part No. - IRFIBE20G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIBE20G VISHAY-IRFIBE20G Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
logo
Inchange Semiconductor ...
IRFIBE20G ISC-IRFIBE20G Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFIBE20G VISHAY-IRFIBE20G Datasheet
915Kb / 10P
Power MOSFET
11-Oct-2021
logo
International Rectifier
IRFIBE20GPBF IRF-IRFIBE20GPBF Datasheet
988Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFIBE20GPBF VISHAY-IRFIBE20GPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRFIBE20G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBE20 IRF-IRFBE20 Datasheet
171Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFBG20 IRF-IRFBG20 Datasheet
169Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
IRFIBE30G IRF-IRFIBE30G Datasheet
142Kb / 5P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFPE40 IRF-IRFPE40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
IRFPE50 IRF-IRFPE50 Datasheet
174Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
IRFR1N60A IRF-IRFR1N60A Datasheet
227Kb / 9P
Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com