Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD214 Datasheet (PDF) - International Rectifier

IRFD214 Datasheet PDF - International Rectifier
Part # IRFD214
Download  IRFD214 Download
File Size   497.6 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)

IRFD214 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFD214 Datasheet PDF - International Rectifier

Part # IRFD214
Download  IRFD214 Click to download

File Size   497.6 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)

IRFD214 Datasheet (HTML) - International Rectifier


IRFD214 Product details

VDSS = 250V
RDS(on) = 2.0Ω
ID = 0.45A

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low onresistance and cost-effectiveness. The 4-pin DIP package is a low-cost machine-insertable case style which can be stacked in multiple combinations on standard 0.1 inch pin centers. The dual drain serves as a thermal link to the mounting surface for power dissipation levels up to 1 watt.

● Dynamic dv/dt Rating
● Repetitive Avalanche Rated
● For Automatic Insertion
● End Stackable
● Fast Switching
● Ease of paralleling
● Simple Drive Requirements




Similar Part No. - IRFD214

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFD214 VISHAY-IRFD214 Datasheet
401Kb / 8P
Power MOSFET
29-May-08
IRFD214 VISHAY-IRFD214 Datasheet
414Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD214PBF IRF-IRFD214PBF Datasheet
923Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFD214PBF VISHAY-IRFD214PBF Datasheet
401Kb / 8P
Power MOSFET
29-May-08
IRFD214 VISHAY-IRFD214_V01 Datasheet
414Kb / 9P
Power MOSFET
30-Aug-2021
More results


Similar Description - IRFD214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFI624G IRF-IRFI624G Datasheet
170Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.4A)
IRFL214 IRF-IRFL214 Datasheet
174Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.79A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
IRFPE40 IRF-IRFPE40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFR214 IRF-IRFR214 Datasheet
169Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com