Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR224 Datasheet (PDF) - International Rectifier

IRFR224 Datasheet PDF - International Rectifier
Part # IRFR224
Download  IRFR224 Download
File Size   175.21 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)

IRFR224 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR224 Datasheet PDF - International Rectifier

Part # IRFR224
Download  IRFR224 Click to download

File Size   175.21 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)

IRFR224 Datasheet (HTML) - International Rectifier


IRFR224 Product details





Similar Part No. - IRFR224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR224 VISHAY-IRFR224 Datasheet
853Kb / 8P
Power MOSFET
17-Jun-08
logo
Kersemi Electronic Co.,...
IRFR224 KERSEMI-IRFR224 Datasheet
3Mb / 7P
Power MOSFET
IRFR224 KERSEMI-IRFR224 Datasheet
3Mb / 7P
Power MOSFET
logo
Inchange Semiconductor ...
IRFR224 ISC-IRFR224 Datasheet
331Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFR224 VISHAY-IRFR224 Datasheet
368Kb / 13P
Power MOSFET
19-Apr-2021
More results


Similar Description - IRFR224

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC634 IRF-IRC634 Datasheet
228Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFD214 IRF-IRFD214 Datasheet
497Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)
IRFD224 IRF-IRFD224 Datasheet
467Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=0.63A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFI624G IRF-IRFI624G Datasheet
170Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.4A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
IRFL214 IRF-IRFL214 Datasheet
174Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.79A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com